Part Number Hot Search : 
3240E L6416 74LS244D 7MDT1 KST92 SMBJ45 04741 HBS602
Product Description
Full Text Search
 

To Download SSR3045CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet cerpack ssr3045ct __ __ screening 2 / __ = commercial tx = tx level txv = txv level s = s level package: g = cerpack SSR3045CTG 15 amp per leg / 45 volts low voltage drop schottky power diode common cathode centertap features: ? extremely low forward voltage drop ? low reverse leakage ? excellent high temperature performance ? hermetically sealed, low thermal resistance power package ? eutectic die attach and monometallic contacts for improved reliability ? tx, txv, s-level screening available maximum ratings symbol value units peak repetitive reverse voltage and dc blocking voltage v rwm v r 45 v average rectified forward current per leg i o 15 a peak surge current 8.3 ms pulse, half sinewave superimposed on io; allow junction to reach equilibrium in between pulses; ta= 25oc i fsm 250 a peak reverse energy l= 260 uh e r 0.5 mj operating & storage temperature t op & t stg -55 to +150 oc maximum thermal resistance (junction to case) r 0 jc 2.25 oc/w package outline: cerpack pinout: pin 1: anode 1 pin 2: anode 2 pad: cathode 12 2x .100 .210 (.040) .140 .010.002 (.050) 2x .060 .370 .020 .315 .300 .105.010 .340 note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: sh0035a doc
solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SSR3045CTG electrical characteristics 1 / , per leg symbol min typ max units instantaneous forward voltage drop i f = 1 a i f = 5 a i f = 10 a i f = 15 a v f1 v f2 v f3 v f4 ?? 430 520 600 700 ?? 600 ?? 800 mv instantaneous forward voltage drop, tc= 125 o c i f = 5 a i f = 15 a v f5 v f6 ?? 400 600 500 700 mv instantaneous forward voltage drop, tc= -55 o c i f = 5 a i f = 15 a v f7 v f8 ?? 580 750 ?? mv reverse leakage current v r = 45v i r1 ?? 10 50 a reverse leakage current, tc= 100 o c v r = 45v i r2 ?? 1500 ?? a reverse leakage current, tc= 125 o c v r = 45v i r3 ?? 6.5 15 ma junction capacitance v r = 10v, f= 1 mhz c j1 ?? 500 600 pf notes: * pulse test: pulse width = 300sec, duty cycle = 2%. 1 / unless otherwise specified, a ll electrical characteristics @25 o c 200 250 300 350 400 450 500 550 600 650 700 0102030 if (a) vf (mv) 125 c 100 c 150 -55 c 25 c note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: sh0035a doc


▲Up To Search▲   

 
Price & Availability of SSR3045CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X